Part Number Hot Search : 
PDTC114 10HCB ECJZEC 2SC5344U DTA144 58004 01HCA18 10HCB
Product Description
Full Text Search
 

To Download 100-003B188L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tubular Metal Braid ASTM B355 Class 4 OFHC Nickel Plated Copper for Series 72 & 74 Tubing and Series 75 Conduit
100-003 A 203 L Product Series A = 36 AWG (Table I) B = 34 AWG (Table II) Dash No. (Table I or II) Lanyard (Omit for none) Dash No. 031 062 078 109 125 156 171 188 203 250 375 500 562 625 781 937 1000 1250 1375 1500 2000 2500 Fractional Equivalent 1/32 1/16 5/64 7/64 1/8 5/32 11/64 3/16 13/64 1/4 3/8 1/2 9/16 5/8 25/32 15/16 1 1 1/4 1 3/8 1 1/2 2 2 1/2 Nominal I.D. .031 (.8) .062 (1.6) .078 (2.0) .109 (2.8) .125 (3.2) .156 (4.0) .171 (4.3) .188 (4.8) .203 (5.2) .250 (6.4) .375 (9.5) .500 (12.7) .562 (14.3) .625 (15.9) .781 (19.8) .937 (23.8) 1.000 (25.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 2.000 (50.8) 2.500 (63.5) Lanyard (Synthetic Fiber) TABLE I (36 AWG) No. of No. of Carriers Ends 24 24 24 48 24 72 24 96 24 120 24 240 24 168 24 192 24 312 24 384 48 384 48 528 48 624 48 720 48 864 64 640 64 768 72 792 72 864 72 936 96 1152 96 1248 Minimum Order Length is 100 Feet (30.5M) Current Rating Amps 7.0 11.0 16.0 19.0 25.0 40.0 32.0 33.0 46.0 53.0 53.0 62.0 73.0 85.0 88.0 65.0 90.0 Lbs./100 Ft. (Kg/30.5M) .20 (.09) .40 (.18) .60 (.27) .83 (.38) 1.03 (.47) 2.09 (.95) 1.43 (.65) 1.63 (.74) 2.80 (1.27) 3.45 (1.56) 3.95 (1.79) 4.77 (2.16) 5.00 (2.27) 5.94 (2.69) 7.35 (3.33) 5.83 (2.64) 7.50 (3.40) I.D.
TABLE II (34 AWG) Fractional Lbs./100 Ft. Dash No. of No. of Current Nominal Equivalent No. Carriers Ends Rating Amps (Kg/30.5M) I.D. 1/16 .43 (.20) 062 16 32 11.0 .062 (1.6) 7/64 .82 (.37) 109 16 64 19.0 .109 (2.8) 1/8 .92 (.42) 125 24 72 19.0 .125 (3.2) 11/64 1.56 (.71) 171 24 120 36.0 .171 (4.3) 13/64 2.79 (1.27) 203 24 192 46.0 .203 (5.2) 3/8 3.27 (1.48) 375 48 240 53.0 .375 (9.5) 7/16 3.93 (1.78) 437 48 288 44.2 .437 (11.1) 1/2 4.77 (2.16) 500 48 336 62.0 .500 (12.7) 25/32 7.14 (3.24) 781 48 528 88.0 .781 (19.8) 1 7.33 (3.33) 1000 64 576 150.0 1.000 (25.4) 1 1/4 1250 72 648 1.250 (31.8) 1. Consult factory for sizes not shown 2. Direct current ratings are given for information only. Values shown are for uninsulated braid in free air at 86F (30C). Actual values will depend on permissible temperature rise, voltage drop and other conditions of service. Values should be de-rated if the braid is insulated or in close contact with other components.
(c) 2003 Glenair, Inc. CAGE Codes 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com H-3
Braiding
100-003


▲Up To Search▲   

 
Price & Availability of 100-003B188L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X